Part Number Hot Search : 
00203 00R12K PE44306 1D20A SCNAR2 MMBZ523 1N3017C LA8138A
Product Description
Full Text Search
 

To Download PSC23-11GWA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 56.8mm (2.3 INCH) 16 SEGMENT SINGLE DIGIT ALPHANUMERIC DISPLAY
Part Number: PSC23-11GWA
GREEN
Features
2.3 INCH CHARACTER HEIGHT. LOW CURRENT OPERATION. HIGH CONTRAST AND LIGHT OUTPUT. EASY MOUNTING ON P.C. BOARDS OR SOCKETS. MECHANICALLY RUGGED. STANDARD : GRAY FACE, WHITE SEGMENT. RoHS COMPLIANT.
Description
The Green source color devices are made with Gallium Phosphide Green Light Emitting Diode.
Package Dimensions & Internal Circuit Diagram
Notes: 1. All dimensions are in millimeters (inches), Tolerance is 0.25(0.01")unless otherwise noted. 2. Specifications are subject to change without notice.
SPEC NO: DSAD2416 APPROVED: WYNEC
REV NO: V.9 CHECKED: Joe Lee
DATE:JUN/01/2007 DRAWN:Z.Z.YANG
PAGE: 1 OF 6 ERP: 1311000147
Selection Guide
Part No. Dice Lens Type Iv (ucd) [1] @ 10mA Min. PSC23-11GWA GREEN (GaP) WHITE DIFFUSED 1900 Typ. 10500 Common Cathode, Rt. Hand Decimal. Description
Note: 1. Luminous Intensity/ Luminous Flux: +/-15%.
Electrical / Optical Characteristics at TA=25C
Symbol peak D[1] 1/2 C Parameter Peak Wavelength Dominant Wavelength Spectral Line Half-width Capacitance A1,A2,D1,D2,P,K VF[2] Forward Voltage 4.4 B,C,E,F,G,H,J,L,M,N DP A1,A2,D1,D2,P,K IR Reverse Current B,C,E,F,G,H,J,L,M,N DP
Notes: 1. Wavelength: +/-1nm. 2. Forward Voltage: +/-0.1V.
Device Green Green Green Green
Typ. 565 568 30 15
Max.
Units nm nm nm pF
Test Conditions IF=20mA IF=20mA IF=20mA VF=0V;f=1MHz
5.0 V 2.5 10 20 10
Green 2.2
IF=20mA
Green
uA
VR = 10V VR = 10V VR = 5V
Absolute Maximum Ratings at TA=25C
Parameter A1,A2,D1,D2,P,K Power dissipation B,C,E,F,G,H,J,L,M,N DP A1,A2,D1,D2,P,K DC Forward Current B,C,E,F,G,H,J,L,M,N DP A1,A2,D1,D2,P,K Peak Forward Current [1] B,C,E,F,G,H,J,L,M,N DP A1,A2,D1,D2,P,K Reverse Voltage B,C,E,F,G,H,J,L,M,N DP Operating / Storage Temperature Lead Solder Temperature [2]
Notes: 1. 1/10 Duty Cycle, 0.1ms Pulse Width. 2. 2mm below package base.
Green 125 250 62.5
Units
mW
25 50 25
mA
140 280 140
mA
10 10 5 -40C To +85C 260C For 3-5 Seconds
V
SPEC NO: DSAD2416 APPROVED: WYNEC
REV NO: V.9 CHECKED: Joe Lee
DATE:JUN/01/2007 DRAWN:Z.Z.YANG
PAGE: 2 OF 6 ERP: 1311000147
Green
PSC23-11GWA
Note:the curves are on the DP.
SPEC NO: DSAD2416 APPROVED: WYNEC
REV NO: V.9 CHECKED: Joe Lee
DATE:JUN/01/2007 DRAWN:Z.Z.YANG
PAGE: 3 OF 6 ERP: 1311000147
Note:the curves are on the segment b,c,e,f,g,h,j,l,m,n.
SPEC NO: DSAD2416 APPROVED: WYNEC
REV NO: V.9 CHECKED: Joe Lee
DATE:JUN/01/2007 DRAWN:Z.Z.YANG
PAGE: 4 OF 6 ERP: 1311000147
Note:the curves are on the segment a1,a2,d1,d2,p,k.
SPEC NO: DSAD2416 APPROVED: WYNEC
REV NO: V.9 CHECKED: Joe Lee
DATE:JUN/01/2007 DRAWN:Z.Z.YANG
PAGE: 5 OF 6 ERP: 1311000147
PACKING & LABEL SPECIFICATIONS
PSC23-11GWA
SPEC NO: DSAD2416 APPROVED: WYNEC
REV NO: V.9 CHECKED: Joe Lee
DATE:JUN/01/2007 DRAWN:Z.Z.YANG
PAGE: 6 OF 6 ERP: 1311000147


▲Up To Search▲   

 
Price & Availability of PSC23-11GWA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X